| Electronic Components Datasheet Search |
|
MNSC140CORE Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MNSC140CORE Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc |
|
16 / 88 page ![]() MSC8122 Technical Data, Rev. 13 1-6 Freescale Semiconductor Signals/Connections HD46 D46 ETHTXD0 Input/ Output Input/ Output Output Host Data Bus 46 Bit 46 of the DSI data bus. System Bus Data 46 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Transmit Data 0 In MII and RMII modes, bit 0 of the Ethernet transmit data. HD47 D47 ETHTXD1 Input/ Output Input/ Output Output Host Data Bus 47 Bit 47 of the DSI data bus. System Bus Data 47 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Transmit Data 1 In MII and RMII modes, bit 1 of the Ethernet transmit data. HD48 D48 ETHTXD2 Reserved Input/ Output Input/ Output Output Input Host Data Bus 48 Bit 48 of the DSI data bus. System Bus Data 48 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Transmit Data 2 In MII mode only, bit 2 of the Ethernet transmit data. In RMII mode, this pin is reserved and can be left unconnected. HD49 D49 ETHTXD3 Reserved Input/ Output Input/ Output Output Input Host Data Bus 49 Bit 49 of the DSI data bus. System Bus Data 49 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Transmit Data 3 In MII mode only, bit 3 of the Ethernet transmit data. In RMII mode, this pin is reserved and can be left unconnected. HD[50–53] D[50–53] Reserved Input/ Output Input/ Output Input Host Data Bus 50–53 Bits 50–53 of the DSI data bus. System Bus Data 50–53 For write transactions, the bus master drives valid data on this bus. For read transactions, the slave drives valid data on this bus. If the Ethernet port is enabled and multiplexed with the DSI/System bus, these pins are reserved and can be left unconnected. HD54 D54 ETHTX_EN Input/ Output Input/ Output Output Host Data Bus 54 Bit 54 of the DSI data bus. System Bus Data 54 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Transmit Data Enable In MII and RMII modes, indicates that the transmit data is valid. Table 1-5. DSI, System Bus, Ethernet, and Interrupt Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |