Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNSC140CORE Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 62Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 63Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 64Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 65Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 66Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 67Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 68Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 69Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
MSC8122 Technical Data, Rev. 13
3-4
Freescale Semiconductor
Packaging
Table 3-1.
MSC8122 Signal Listing By Name
Signal Name
Location
Designator
Signal Name
Location
Designator
A0
AA20
BADDR27
J8
A1
AB21
BADDR28
L7
A2
AA21
BADDR29
L8
A3
AA22
BADDR30
K8
A4
Y21
BADDR31
G10
A5
Y22
BCTL0
G18
A6
W22
BCTL1
J18
A7
W21
BG
N16
A8
V19
BNKSEL0
G11
A9
V20
BNKSEL1
H10
A10
V21
BNKSEL2
J11
A11
V22
BM0
G11
A12
U21
BM1
H10
A13
U22
BM2
J11
A14
T22
BR
P16
A15
T21
CHIP_ID0
B19
A16
R22
CHIP_ID1
C18
A17
R20
CHIP_ID2
C17
A18
R21
CHIP_ID3
D17
A19
P22
CLKIN
J10
A20
N22
CLKOUT
K14
A21
M22
CNFGS
W3
A22
L22
CS0
N18
A23
N21
CS1
G17
A24
M21
CS2
K18
A25
L21
CS3
L18
A26
K20
CS4
H17
A27
L20
CS5
K16
A28
K22
CS5
J18
A29
K21
CS6
J16
A30
J22
CS7
H16
A31
H22
D0
V5
AACK
H12
D1
V6
ABB
G12
D2
U5
ALE
K17
D3
U6
ARTRY
H11
D4
V7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com