| Electronic Components Datasheet Search |
|
MNSC140CORE Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MNSC140CORE Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 88 page ![]() MSC8122 Technical Data, Rev. 13 1-4 Freescale Semiconductor Signals/Connections 1.4 Direct Slave Interface, System Bus, Ethernet, and Interrupt Signals The direct slave interface (DSI) is combined with the system bus because they share some common signal lines. Individual assignment of a signal to a specific signal line is configured through internal registers. Table 1-5 describes the signals in this group. Note: Although there are fifteen interrupt request (IRQ) connections to the core processors, there are multiple external lines that can connect to these internal signal lines. After reset, the default configuration enables only IRQ[1–7], but includes two input lines each for IRQ[1–3] and IRQ7. The designer must select one line for each required interrupt and reconfigure the other external signal line or lines for alternate functions. Additional alternate IRQ lines and IRQ[8–15] are enabled through the GPIO signal lines. Table 1-5. DSI, System Bus, Ethernet, and Interrupt Signals Signal Name Type Description HD0 SWTE Input/ Output Input Host Data Bus 0 Bit 0 of the DSI data bus. Software Watchdog Timer Disable. It is sampled on the rising edge of PORESET signal. HD1 DSISYNC Input/ Output Input Host Data Bus 1 Bit 1 of the DSI data bus. DSI Synchronous Distinguishes between synchronous and asynchronous operation of the DSI. It is sampled on the rising edge of PORESET signal. HD2 DSI64 Input/ Output Input Host Data Bus 2 Bit 2 of the DSI data bus. DSI 64 Defines the width of the DSI and SYSTEM Data buses. It is sampled on the rising edge of PORESET signal. HD3 MODCK1 Input/ Output Input Host Data Bus 3 Bit 3 of the DSI data bus. Clock Mode 1 Defines the clock frequencies. It is sampled on the rising edge of PORESET signal. HD4 MODCK2 Input/ Output Input Host Data Bus 4 Bit 4 of the DSI data bus. Clock Mode 2 Defines the clock frequencies. It is sampled on the rising edge of PORESET signal. HD5 CNFGS Input/ Output Input Host Data Bus 5 Bit 5 of the DSI data bus. Configuration Source One signal out of two that indicates reset configuration mode. It is sampled on the rising edge of PORESET signal. HD[6–31] Input/ Output Host Data Bus 6–31 Bits 6–31 of the DSI data bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |