| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 544 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 544 Page - Freescale Semiconductor, Inc |
|
544 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 IV-2 Freescale Semiconductor • Chapter 23, “SCC BISYNC Mode,” describes the MPC8280 implementation of byte-oriented BISYNC protocol developed by IBM for use in networking products. • Chapter 24, “SCC Transparent Mode,” describes the MPC8280 implementation of transparent mode (also called totally transparent mode), which provides a clear channel on which the SCC can send or receive serial data without bit-level manipulation. • Chapter 25, “SCC Ethernet Mode,” describes the MPC8280 implementation of Ethernet protocol. • Chapter 26, “SCC AppleTalk Mode,” describes the MPC8280 implementation of AppleTalk. • Chapter 27, “Universal Serial Bus Controller,” describes the MPC8280’s USB controller, including basic operation, the parameter RAM, and registers. • Chapter 28, “Serial Management Controllers (SMCs),” describes two serial management controllers, full-duplex ports that can be configured independently to support one of three protocols—UART, transparent, or general-circuit interface (GCI). • Chapter 29, “Multi-Channel Controllers (MCCs),” describes the MPC8280’s multi-channel controller (MCC), which handles up to 128 serial, full-duplex data channels. • Chapter 30, “Fast Communications Controllers (FCCs),” describes the MPC8280’s fast communications controllers (FCCs), which are SCCs optimized for synchronous high-rate protocols. • Chapter 31, “ATM Controller and AAL0, AAL1, and AAL5,” describes the MPC8280 ATM controller, which provides the ATM and AAL layers of the ATM protocol. The ATM controller performs segmentation and reassembly (SAR) functions of AAL5, AAL1, and AAL0, and most of the common parts convergence sublayer (CP-CS) of these protocols. • Chapter 32, “ATM AAL1 Circuit Emulation Service,” describes the implementation of circuit emulation service (CES) using ATM adaptation layer type 1 (AAL1) on the MPC8280. • Chapter 33, “ATM AAL2,” describes the functionality and data structures of ATM adaptation layer type 2 (AAL2) CPS, CPS switching, and SSSAR. • Chapter 34, “Inverse Multiplexing for ATM (IMA),” describes specifications for the inverse multiplexing for ATM (IMA) microcode. • Chapter 35, “ATM Transmission Convergence Layer,” describes how the MPC8280 can support applications which receive ATM traffic over the standard serial protocols like E1, T1, and xDSL via its serial interface (SIx TDMx and NMSI) ports because of its internally implemented TC-layer functionality. • Chapter 36, “Fast Ethernet Controller,” describes the MPC8280’s implementation of the Ethernet IEEE 802.3 protocol. • Chapter 37, “FCC HDLC Controller,” describes the FCC implementation of the HDLC protocol. • Chapter 38, “FCC Transparent Controller,” describes the FCC implementation of the transparent protocol. • Chapter 39, “Serial Peripheral Interface (SPI),” describes the serial peripheral interface, which allows the MPC8280 to exchange data between other MPC8280 chips, the MC68360, the MC68302, the M68HC11, and M68HC05 microcontroller families, and peripheral devices such as EEPROMs, real-time clocks, A/D converters, and ISDN devices. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |