| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 592 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 592 Page - Freescale Semiconductor, Inc |
|
592 / 1386 page ![]() Serial Interface with Time-Slot Assigner MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 15-14 Freescale Semiconductor 15.4.4 SI x RAM Programming Example This example shows how to program the RAM to support the 10-bit IDL bus. Figure 15-23 shows the 10-bit IDL bus format. In this example, the TSA supports the B1 channel with SCC2, the D channel with SCC1, the first 4 bits of the B2 channel with an external device (using a strobe to enable the external device), and the last 4 bits of B2 with SMC1. Additionally, the TSA marks the D channel with another strobe signal. First, divide the frame from the start (the sync) to the end of the frame according to the support that is required: • 8 bits (B1)—SCC2 • 1 bit (D)—SCC1 + strobe 1 • 1 bit—no support • 4 bits (B2)—strobe 2 • 4 bits (B2)—SMC1 • 1 bit (D)—SCC1 + strobe 1 Each of these six divisions can be supported by a single SIx RAM entry. Thus, six SIx RAM entries are needed. See Table 15-3. NOTE IDL requires the same routing for both receive and transmit., Therefore, an exact duplicate of the above entries should be written to both the receive and transmit sections of the SIx RAM. Then SIxMR[CRTx] can be used to instruct the SIx RAM to use the same clock and sync to simultaneously control both sets of SIx RAM entries. Table 15-3. SI x RAM Entry Descriptions Entry Number SI x RAM Entry MCC SWTR SSEL CSEL CNT BYT LST Description 0 0 0 0000 0010 000 1 0 8-bit SCC2 1 0 0 1000 0001 000 0 0 1-bit SCC1 strobe1 2 0 0 0000 0000 000 0 0 1-bit no support 3 0 0 0100 0000 011 0 0 4-bit strobe2 4 0 0 0000 0101 011 0 0 4-bit SMC1 5 0 0 1000 0001 000 0 1 1-bit SCC1 strobe1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |