| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 593 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 593 Page - Freescale Semiconductor, Inc |
|
593 / 1386 page ![]() Serial Interface with Time-Slot Assigner MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 15-15 15.4.5 Static and Dynamic Routing The SIx RAM has two operating modes for the TDMs: • Static routing. The number of SIx RAM entries is determined by the banks the user relates to the corresponding TDM and is divided into two parts (Rx and Tx). The following sequence must be followed to program the routing entries. — All serial devices connected to the TSA must be disabled. — SI routing can be modified. — All appropriate serial devices connected to the TSA must be reenabled. • Dynamic routing. A TDM’s routing definition can be modified while FCCs, MCCs, SCCs, or SMCs are connected to the TDM. The number of SIx RAM entries is determined by the banks the user relates to the corresponding TDM channel and is divided into four parts (Rx, Rx shadow, Tx, and Tx shadow). Dynamic changes divide portions of the SIx RAM into current-route and shadow RAM. Once the current-route RAM is programmed, the TSA and SI channels are enabled, and TSA operation begins. When a change in routing is required, the shadow RAM must be programmed with the new route and SIxCMDR[CSRxn] must be set. As a result, as soon as the corresponding sync arrives the SI exchanges the shadow RAM with the current-route RAM and resets CSRxn to indicate that the operation is complete. At this time, the user may change the routing again. Notice that the original current-route RAM is now the shadow RAM and vice versa. Figure 15-9. shows an example of the shadow RAM exchange process for two TDM channels both with half of the RAM as a shadow. If for instance one TDM with dynamic changes is programmed to own all four banks, and the shadow is programmed to the last two banks, the initial current-route RAM addresses in the SIx RAM are as follows. • 0–255: TXa route • 1024–1279: RXa route The initial shadow RAMs are at addresses: • 256–511: TXa route • 1280–1535: RXa route The user can read any RAM at any time, but for proper SI operation the user must not attempt to write the current-route RAM. The SIx status register (SIxSTR) can be read to find out which part of the RAM is the current-route RAM. The user can also externally connect one of the strobes to an interrupt pin to generate an interrupt on a particular SIx RAM entry starting or ending execution by the TSA. NOTE The current-route and shadow SI RAMs of a given TDMx should be contiguous; that is, the current-route and shadow SI RAMs of differing TDMx should not be interleaved. An example is shown in Figure 15-9. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |