| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 596 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 596 Page - Freescale Semiconductor, Inc |
|
596 / 1386 page ![]() Serial Interface with Time-Slot Assigner MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 15-18 Freescale Semiconductor Table 15-5 describes SIxMR fields. 01 34567 8 9 10 11 12 13 14 15 Field — SADx SDMx RFSDx DSCx CRTx SLx CEx FEx GMx TFSDx Reset 0000_0000_0000_0000 R/W R/W Addr 11B20 (SI1AMR), 11B22 (SI1BMR), 11B24 (SI1CMR), 11B26 (SI1DMR)/ 11B40 (SI2AMR), 11B42 (SI2BMR), 11B44 (SI2CMR), 11B46 (SI2DMR) Figure 15-11. SI Mode Registers (SI xMR) Table 15-5. SI xMR Field Descriptions Bits Name Description 0 — Reserved. Should be cleared. 1–3 SADx Starting bank address for the RAM of TDM a, b, c or d. These three bits define the starting bank address of the SI x RAM section that belongs to TDMx channel. Note: As noted previously, the SI x RAM contains four banks of 64 entries for receive and four banks of 64 entries for transmit. The starting bank address of each TDM can be programmed with a granularity of 32 entries. The user can put the shadow RAM section of the same TDM on the same bank, but the user cannot put two different TDMs on the same bank. The last entry of a certain TDM is determined by the LST bit in the SI x RAM entry. The user must set LST within the entries of SI x RAM blocks for every TDM used, that is, before the starting address of the next TDM. 000 First bank, first 32 entries 001 First bank, second 32 entries 010 Second bank, first 32entries 011 Second bank, second 32 entries 100 Third bank, first 32 entries 101 Third bank, second 32 entries 110 Fourth bank, first 32 entries 111 Fourth bank, second 32 entries 4–5 SDMx SI Diagnostic Mode for TDM a, b, c or d 00 Normal operation. 01 Automatic echo. In this mode, the TDM transmitter automatically retransmits the TDM received data on a bit-by-bit basis. The receive section operates normally, but the transmit section can only retransmit received data. In this mode, the L1GRx line is ignored. 10 Internal loopback. In this mode, the TDM transmitter output is internally connected to the TDM receiver input (L1TXDx is connected to L1RXDx). The receiver and transmitter operate normally. The data appears on the L1TXDx pin and in this mode, L1RQ x is asserted normally. The L1GRx line is ignored. 11 Loopback control. In this mode, the TDM transmitter output is internally connected to the TDM receiver input (L1TXDx is connected to L1RXDx). The transmitter output (L1TXDx) and L1RQ x are inactive. This mode is used to accomplish loopback testing of the entire TDM without affecting the external serial lines. Note: In modes 01, 10, and 11, the receive and transmit clocks should be identical. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |