| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 598 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 598 Page - Freescale Semiconductor, Inc |
|
598 / 1386 page ![]() Serial Interface with Time-Slot Assigner MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 15-20 Freescale Semiconductor Figure 15-12 shows the one-clock delay from sync to data when xFSD = 01. Figure 15-12. One-Clock Delay from Sync to Data ( xFSD = 01) Figure 15-13 shows the elimination of the single-clock delay shown in Figure 15-12 by clearing xFSD. Figure 15-13. No Delay from Sync to Data ( xFSD = 00) 13 GMx Grant mode for TDM a, b, c, or d 0 GCI/SCIT mode. The GCI/SCIT D channel grant mechanism for transmission is internally supported. The grant is one bit from the receive channel. This bit is marked by programming the channel select bits of the SI x RAM with 0111 to assert an internal strobe on it. See Section 15.7.2.2, “SCIT Programming.” 1 IDL mode. A grant mechanism is supported if the corresponding CMXSCR[GR x] bit is set. The grant is a sample of L1GRx while L1RSYNCx is asserted. This grant mechanism implies the IDL access controls for transmission on the D channel. See Section 15.6.2, “IDL Interface Programming.” 14–15 TFSDx Transmit frame sync delay for TDM a, b, c or d. Determines the number of clock delays between the transmit sync and the first bit of the transmit frame. See Figure 15-16. Note: When using bit delay of 0, ensure that during the last phase (negative edge) of the last serial clock of the last SIRAM entry, the sync signal is deasserted. No sync signal should be asserted early, for example, during the last clock of the frame. 00 No bit delay. The first bit of the frame is transmitted/received on the same clock as the sync. If frame sync delay is not used and if a frame sync is issued early during the last bit of the previous frame, data corruption could occur on all subsequent frames. To avoid this problem, program a 1, 2, or 3-bit sync delay. 01 1-bit delay 10 2-bit delay 11 3-bit delay Table 15-5. SI xMR Field Descriptions (continued) Bits Name Description L1CLK Data (CE=0) L1SYNC (FE=1) Bit-0 Bit-1 Bit-2 Bit-3 Bit-4 Bit-0 One-Clock Delay from Sync Latch to First Bit of Frame Bit-5 End of Frame L1CLK Data (CE=0) L1SYNC (FE=1) Bit-0 Bit-1 Bit-2 Bit-3 Bit-4 No Delay from Sync Latch to First Bit of Frame Bit-2 Bit-1 Bit-0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |