| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 633 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 633 Page - Freescale Semiconductor, Inc |
|
633 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 17-1 Chapter 17 Baud-Rate Generators (BRGs) The CPM contains eight independent, identical baud-rate generators (BRGs) that can be used with the FCCs, SCCs, and SMCs. The clocks produced by the BRGs are sent to the bank-of-clocks selection logic, where they can be routed to the controllers. In addition, the output of a BRG can be routed to a pin to be used externally. The following is a list of BRGs’ main features: • Eight independent and identical BRGs • On-the-fly changes allowed • Each BRG can be routed to one or more FCCs, SCCs, or SMCs • A 16x divider option allows slow baud rates at high system frequencies • Each BRG contains an autobaud support option • Each BRG output can be routed to a pin (BRGOn) Figure 17-1 shows a BRG. Figure 17-1. Baud-Rate Generator (BRG) Block Diagram Each BRG clock source can be BRGCLK, or a choice of two external clocks (selected in BRGCx[EXTC]). The BRGCLK is an internal signal generated in the MPC8280 clock synthesizer specifically for the BRGs, the SPI, and the I2C internal BRG. Alternatively, external clock pins can be configured as clock sources. The external source option allows flexible baud-rate frequency generation, independent of the system CLK Pin x Clock Source MUX Divide by 1 or 16 Prescaler 12-Bit Counter 1–4,096 DIV 16 CD[0–11] BRGO n Clock BRGCLK EXTC ATB Autobaud Control RXD n To Pin and/or Bank of Clocks BRG n CLK Pin y |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |