| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 698 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 698 Page - Freescale Semiconductor, Inc |
|
698 / 1386 page ![]() Serial Communications Controllers (SCCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 20-18 Freescale Semiconductor Figure 20-9. Output Delay from RTS Asserted for Synchronous Protocols When RTS is asserted, if CTS is not already asserted, delays to the first data bit depend on when CTS is asserted. Figure 20-10 shows that the delay between CTS and the data can be approximately 0.5 to 1 bit times or no delay, depending on GSMR_H[CTSS]. Figure 20-10. Output Delay from CTS Asserted for Synchronous Protocols If CTS is programmed to envelope data, negating it during frame transmission causes a CTS lost error. Negating CTS forces RTS high and Tx data to become idle. If GSMR_H[CTSS] is zero, the SCC must sample CTS before a CTS lost is recognized; otherwise, the negation of CTS immediately causes the CTS lost condition. See Figure 20-11. 1. A frame includes opening and closing flags and syncs, if present in the protocol. TCLK TXD Last Bit of Frame Data First Bit of Frame Data NOTE: (Output) RTS (Output) CTS (Input) 1. GSMR_H[CTSS] = 0. CTSP is a don’t care. TCLK TXD Last Bit of Frame Data First Bit of Frame Data NOTE: CTS Sampled Low Here 1. GSMR_H[CTSS] = 1. CTSP is a don’t care. TCLK TXD Last Bit of Frame Data First Bit of Frame Data NOTE: (Output) RTS (Output) CTS (Input) (Output) RTS (Output) CTS (Input) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |