| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 700 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 700 Page - Freescale Semiconductor, Inc |
|
700 / 1386 page ![]() Serial Communications Controllers (SCCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 20-20 Freescale Semiconductor Figure 20-12. Using CD to Control Synchronous Protocol Reception If CD is programmed to envelope the data, it must remain asserted during frame transmission or a CD lost error occurs. Negation of CD terminates reception. If GSMR_H[CDS] is zero, CD must be sampled by the SCC before a CD lost error is recognized; otherwise, the negation of CD immediately causes the CD lost condition. If GSMR_H[CDS] is set, all CD transitions must occur while the Rx clock is low. 20.3.5.2 Asynchronous Protocols In asynchronous protocols, RTS is asserted when SCC data is loaded into the Tx FIFO and a falling Tx clock occurs. CD and CTS can be used to control reception and transmission in the same manner as the synchronous protocols. The first bit sent in an asynchronous protocol is the start bit of the first character. In addition, the UART protocol has an option for CTS flow control as described in Chapter 21, “SCC UART Mode.” •If CTS is already asserted when RTS is asserted, transmission begins in two additional bit times. •If CTS is not already asserted when RTS is asserted and GSMR_H[CTSS] = 0, transmission begins in three additional bit times. • If CTS is not already asserted when RTS is asserted and GSMR_H[CTSS] = 1, transmission begins in two additional bit times. 1. GSMR_H[CDS] = 0. CDP=0. RCLK First Bit of Frame Data NOTE: CD Sampled Low Here RCLK CD Sampled High Here Last Bit of Frame Data 2. If CD is negated prior to the last bit of the receive frame, CD lost is signaled in the frame BD. 3. If CDP=1, CD lost cannot occur and CD negation has no effect on reception. 1. GSMR_H[CDS] = 1. CDP=0. Notes: 2. If CD is negated prior to the last bit of the receive frame, CD lost is signaled in the frame BD. 3. If CDP=1, CD lost cannot occur and CD negation has no effect on reception. Last Bit of Frame Data First Bit of Frame Data CD Assertion Immediately Gates Reception CD Negation Immediately Halts Reception RXD (Input) CD (Input) CD (Input) RXD (Input) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |