Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 703 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 703 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 699Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 700Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 701Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 702Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 703Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 704Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 705Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 706Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 707Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
20-23
The DPLL can also be used to invert the data stream of a transfer. This feature is available in all encodings,
including standard NRZ format. Also, when the transmitter is idling, the DPLL can either force TXD high
or continue encoding the data supplied to it.
The DPLL is used for UART encoding/decoding, which gives the option of selecting the divide ratio in
the UART decoding process (8
×, 16×, or 32×). Typically, 16× is used.
Note the 1:4 system clock/serial clock ratio does not apply when the DPLL is used to recover the clock in
the 8
×, 16×, or 32× modes. Synchronization occurs internally after the DPLL generates the Rx clock.
Therefore, even the fastest DPLL clock generation (the 8
× option) easily meets the required 1:4 ratio
clocking limit.
20.3.6.1
Encoding Data with a DPLL
Each SCC contains a DPLL unit that can be programmed to encode and decode the SCC data as NRZ,
NRZI Mark, NRZI Space, FM0, FM1, Manchester, and Differential Manchester. Figure 20-15 shows the
different encoding methods.
Figure 20-15. DPLL Encoding Examples
FM1
All zeros
8-bit
Manchester
101010...10
8-bit
Differential Manchester
All ones
8-bit
Table 20-8. Preamble Requirements (continued)
Decoding Method
Preamble Pattern
Minimum Preamble Length Required
Data
NRZ
NRZI Mark
NRZI Space
FM0
FM1
Manchester
Differential
Manchester
01
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com