Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 779 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 779 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 775Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 776Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 778Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 780Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 781Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 783Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 779 / 1386 page
background image
SCC Transparent Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
24-5
24.4.1.3
Transparent Mode without Explicit Synchronization
If there is no need to synchronize the transparent controller at a specific point, the user can ‘fake’
synchronization in one of the following ways:
•
Tie a parallel I/O pin to the CTS and CD lines. Then, after enabling the receiver and transmitter,
provide a falling edge by manipulating the I/O pin in software.
•
Enable the receiver and transmitter for the SCC in loopback mode and then change
GSMR_L[DIAG] to 0b00 while the transmitter and receiver and enabled.
24.4.2
Synchronization and the TSA
A transparent-mode SCC using the time-slot assigner can synchronize either on a user-defined inline
pattern or by inherent synchronization.
Note that when using the TSA, a newly-enabled transmitter sends from 10 to 15 frames of idles before
sending the actual transparent data due to startup requirements of the TDM. Therefore, when loopback
testing through the TDM, expect to receive several bytes of 0xFF before the actual data.
24.4.2.1
Inline Synchronization Pattern
The receiver can be programmed to begin receiving data into the receive buffers only after a specified data
pattern arrives. To synchronize on an inline pattern:
•
Set GSMR_H[SYNL].
•
Program the DSR with the desired pattern.
•
Clear GSMR_H[CDP].
•
Set GSMR_H[CTSP, CTSS, CDS].
If GSMR_H[TXSY] is also used, the transmitter begins transmission eight clocks after the receiver
achieves synchronization.
24.4.2.2
Inherent Synchronization
Inherent synchronization assumes synchronization by default when the channel is enabled; all data sent
from the TDM to the SCC is received. To implement inherent synchronization:
•
Set GSMR_H[CDP, CDS, CTSP, CTSS].
If these bits are not set, the received bit stream will be bit-shifted. The SCC loses the first received bit
because CD and CTS are treated as asynchronous signals.
24.4.3
End of Frame Detection
An end of frame cannot be detected in the transparent data stream since there is no defined closing flag in
transparent mode. Therefore, if framing is needed, the user must use the CD line to alert the transparent
controller of an end of frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com