| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 782 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 782 Page - Freescale Semiconductor, Inc |
|
782 / 1386 page ![]() SCC Transparent Mode MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 24-8 Freescale Semiconductor Table 24-6 describes receive errors. 24.9 Transparent Mode and the PSMR The protocol-specific mode register (PSMR) is not used by the transparent controller because all transparent mode selections are made in the GSMR. If only half of an SCC (transmitter or receiver) is running the transparent protocol, the other half (receiver or transmitter) can support another protocol. In such a case, use the PSMR for the non-transparent protocol. 24.10 SCC Transparent Receive Buffer Descriptor (RxBD) The CPM reports information about the received data for each buffer using an RxBD, closes the current buffer, generates a maskable interrupt, and starts receiving data into the next buffer after one of the following occurs: • An error is detected. • A full receive buffer is detected. •An ENTER HUNT MODE command is issued. •A CLOSE RXBD command is issued. Figure 24-2 displays an SCC transparent receive buffer descriptor. Table 24-6. Receive Errors Error Description Overrun The SCC maintains a receive FIFO. The CPM starts programming the SDMA channel if the buffer is in external memory and updating the CRC when 8 or 32 bits are received in the FIFO as determined by GSMR_H[RFW]. If a FIFO overrun occurs, the SCC writes the received byte over the previously received byte. The previous character and its status bits are lost. Afterwards, the channel closes the buffer, sets OV in the BD, and generates the RXB interrupt if it is enabled. The receiver immediately enters hunt mode. CD Lost During Message Reception When this occurs, the channel stops receiving messages, closes the buffer, sets RxBD[CD], and generates the RXB interrupt if it is enabled. This error has highest priority. The rest of the message is lost, and no other errors are checked in the message. The receiver immediately enters hunt mode. 0 123 456 789 10 11 12 13 14 15 Offset + 0 E — WI LF CM —DE — NO —CR OV CD Offset + 2 Data Length Offset + 4 Rx Buffer Pointer Offset + 6 Figure 24-2. SCC Transparent Receive Buffer Descriptor (RxBD) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |