| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 920 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 920 Page - Freescale Semiconductor, Inc |
|
920 / 1386 page ![]() Multi-Channel Controllers (MCCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 29-30 Freescale Semiconductor Figure 29-14. Transmitter Super Channel Example In this example, data is expected to be sent on the first timeslots allocated for each superchannel. Thus for the first superchannel, timeslot 1 has CNT=0 and BYT=1, the “first byte” condition described in Table 15-2 and the remaining timeslots that are part of this superchannel—timeslots 6 and 7, have CNT=0x7 and BYT=1. This indicates to the MCC that when this transparent superchannel becomes active it should begin sending data on timeslot 1. If the application required that data not be sent on this superchannel until timeslot 7, for example, then timeslots 1 and 6 have CNT=0x7 and BYT=1 and timeslot 7 would be programmed with CNT=0 and BYT=1. Similarly, the second superchannel in this example sends data beginning with its first timeslot, timeslot 2. It contains the “first byte” condition of CNT=0 and BYT=1. If the application required a different timeslot in this superchannel, either timeslot 3 or 4, that channel could be programmed to have the “first byte” condition instead. Figure 29-15 shows the SI RAM programming for transparent receiver superchannels which uses the slot synchronization. This example assumes a timeslot configuration similar to the transmit example in Figure 29-14. For this receive example, to guarantee that reception begins on the first timeslots for each superchannel, all timeslots that correspond to superchannels are programmed as superchannelled timeslots and the first timeslot for each superchannel is programmed with the “first byte” CNT and BYT conditions. Note that the receive examples do not include a superchannel table because a superchannel table is only used on the transmit side. Receive SIRAM entries should always be programmed using the FIFO number 0 1 2 3–10 11–13 14 15 MCC LOOP SUPER MCSEL CNT BYT LST SI RAM Address 10 0 0x0 0x0 10 10 1 0x1 0x01 1 First slot of the super channel 10 10 1 0x2 0x01 10 10 1 0x3 0x72 2 Regular (not first) slot of the super channel 00 10 1 0x4 0x72 00 10 0 0x5 0x0 10 10 1 0x6 0x72 00 10 1 0x7 0x72 00 10 0 0x8 0x0 11 0–1 2–9 10–15 CHANNEL NO DPRAM_Base + SCTPBASE + 0x0 — 0x2 0x1 0x4 0x2 0x6 0x2 0x8 0x2 0xA — 0xC 0x1 0xE 0x1 0x10 — . The super channel BD tables are associated with channels 1 and 2 (no BD tables are necessary for SI RAM Super Channel Table channels 3, 4, 6, and 7) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |