| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 958 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 958 Page - Freescale Semiconductor, Inc |
|
958 / 1386 page ![]() Fast Communications Controllers (FCCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 30-20 Freescale Semiconductor Figure 30-12. Using CD to Control Reception If it is programmed to envelope data, CD must remain asserted during frame transmission or a CD lost error occurs. The negation of CD terminates reception. If [CDS] = 0, CD must be sampled by the FCC before a CD lost is recognized. Otherwise, the negation of CD immediately causes the CD lost condition. NOTE If GFMR[CDS] = 1, all CD transitions must occur while the receive clock is low. 30.12 Disabling the FCCs On-the-Fly Unused FCCs can be temporarily disabled. In this case, a operation sequence is followed that ensures that any buffers in use are closed properly and that new data is transferred to or from a new buffer. Such a sequence is required if the parameters that must be changed are not allowed to be changed dynamically. If the register or bit description states that dynamic changes are allowed, the following sequences are not required and the register or bit may be changed immediately. In all other cases, the sequence should be used. Modifying parameter RAM does not require the FCC to be fully disabled. See the parameter RAM description for when values can be changed. To disable all peripheral controllers, set CPCR[RST] to reset the entire CPM. 1. GFMR[CDS] = 0. CDP=0. RCLK First Bit of Frame Data Notes: CD Sampled Low RCLK CD Sampled High Last Bit of Frame Data 2. If CD is negated prior to the last bit of the receive frame, CD lost is signaled in the BD. 3. If CDP=1, CD lost cannot occur and CD negation has no effect on reception. 1. GFMR[CDS] = 1. CDP=0. Notes: 2. If CD is negated prior to the last bit of the receive frame, CD lost is signaled in the BD. 3. If CDP=1, CD lost cannot occur and CD negation has no effect on reception. Last Bit of Frame Data First Bit of Frame Data CD Assertion Immediately Gates Reception CD Negation Immediately Halts Reception RXD (Input) CD (Input) CD (Input) RXD (Input) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |