| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 956 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 956 Page - Freescale Semiconductor, Inc |
|
956 / 1386 page ![]() Fast Communications Controllers (FCCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 30-18 Freescale Semiconductor to be a parallel I/O line, in which case the CTS signal to the FCC is always asserted. RTS is negated one clock after the last bit in the frame. Figure 30-9. Output Delay from RTS Asserted If CTS is not already asserted when RTS is asserted, the delays to the first bit of data depend on when CTS is asserted. Figure 30-10 shows that the delay between CTS and the data can be approximately 0.5 to 1 bit times or no delay, depending on GFMR[CTSS]. Figure 30-10. Output Delay from CTS Asserted If it is programmed to envelope the data, CTS must remain asserted during frame transmission or a CTS lost error occurs. The negation of CTS forces RTS high and the transmit data to the idle state. If GFMR[CTSS] = 0, the FCC must sample CTS before a CTS lost is recognized. Otherwise, the negation of CTS immediately causes the CTS lost condition. See Figure 30-11. 1. A frame includes opening and closing flags and syncs, if present in the protocol. TCLK TXD Last Bit of Frame Data First Bit of Frame Data Note: (Output) RTS (Output) CTS (Input) 1. GFMR[CTSS] = 0. CTSP is a don’t care. TCLK TXD Last Bit of Frame Data First Bit Of Frame Data Note: CTS Sampled Low 1. GFMR[CTSS] = 1. CTSP is a don’t care. TCLK TXD Last Bit of Frame Data First Bit of Frame Data Note: (Output) RTS (Output) CTS (Input) (Output) RTS (Output) CTS (Input) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |