Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1081 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1081 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1077Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1078Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1079Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1080Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1081Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1082Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1085Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1081 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-21
Figure 32-19. 3-Step-SN-Algorithm
32.7
Pointer Verification Mechanism
After the 3-step-SN algorithm processes the incoming cells, the cells status (Valid, Tag, Drop or Dummy)
is delivered to the pointer verification mechanism. This state machine calculates the expected received
pointer. If the current cell is valid and supposed to deliver a pointer, the received pointer is compared with
the expected one. In the case of pointer mismatch or pointer error (i.e parity error), the pointer state
machine switches to “Pre-Hunt-Mode”. If the cell status is not valid (i.e Tag, Drop or Dummy) and it
supposed to carry a pointer, the pointer declared a mismatch and the pointer state machine switches to
“Pre-Hunt-Mode”. The receiver stays in this transient state for only one AAL1 cell cycle (8 successive
cells). When the pointer received in this state is different from the expected one or had a non-valid status,
the receiver switches to hunt mode where it stays until a valid cell with a “start” structured pointer is
received to regain synchronization.
Note that a “start” pointer is a valid pointer with a value not equal to 93 or 127.
Hunt mode
Sync fail
Sync mode
No valid SN
Else
Valid SN
Valid SN
Invalid SN or
out of sequence
Valid SN
ESC=RSC–1/0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com