Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1181 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1181 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1181 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-35
Table 34-12 describes the IGRSTATE bit fields.
34.4.4.2.3
IMA Receive Group Frame Size
The fields of the IRGFS register are shown in Figure 34-19.
Table 34-13 describes the IRGFS bit fields.
34.4.4.2.4
Receive Group Order Tables
The receive group order tables define the order of the links in the round-robin extraction of cells to the
links of the IMA group. The table consists of an array of bytes ordered from first link to last link, with each
byte providing the PHY address of its associated link. The end of the table is indicated by an entry
programmed to 0x1F.
Two group order tables are used in order to allow for on-the-fly changes (i.e. to add or remove links), while
making certain that the changes only occur at the end of a round-robin cycle. IGRCNTL[GOTP] indicates
which group order table pointer (and therefore, group table) is currently in use. Changes should be made
Table 34-12. IGRSTATE Field Descriptions
Bits
Name
Description
0
IDCR_DN
IDCR Done. Microcode-managed parameter. When this bit is set by the microcode, the TRLR
value is valid and can be used to program the IDCR timer entry values for this group. Initialize
to zero at group startup.
1–2
GDSS
Group delay synchronization state. Initialize to zero at group startup. Must be changed by
software to 01 after sufficient links have achieved frame synchronization. Subsequently
managed by microcode.
00 Group delay synchronization process inhibited.
01 Group delay synchronization process enabled.
10 Group delay synchronization process in progress.
11 Group delay synchronized.
Refer to Section 34.5.4.10, “Receive Event Response Procedures".
3–7
—
Reserved, initialize to zero.
01
67
Field
0
—
GSC-M
Figure 34-19. IMA Receive Group Frame Size (IGRSTATE)
Table 34-13. IRGFS Field Descriptions
Bits
Name
Description
0
0
Reserved, initialize to zero.
1–5
—
Reserved, initialize to zero.
6–7
GSC-M
IMA Receive Group Frame Size
Bits 0-5: Reserved
Bits 6-7 - GSC_M: Value of received ICP cell Group Status Contl field
(Bits 1:0) which determine the IMA frame size. This field must be
programmed before links in the group are assigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com