Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1267 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1267 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1267 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
37-5
Figure 37-2. HDLC Address Recognition Example
37.5
Programming Model
The core configures each FCC to operate in the protocol specified in GFMR[MODE]. The HDLC
controller uses the same data structure as other modes. This data structure supports multibuffer operation
and address comparisons.
37.5.1
HDLC Command Set
The transmit and receive commands are issued to the CPCR; see Section 14.4, “Command Set.”
Table 37-2 describes the transmit commands that apply to the HDLC controller.
Table 37-2. Transmit Commands
Command
Description
STOP TRANSMIT
After the hardware or software is reset and the channel is enabled in the FCC mode register, the
channel is in transmit enable mode and starts polling the first BD in the table every 256 transmit
clocks (immediately if FTODR[TOD] = 1). STOP TRANSMIT command disables the transmission of
frames on the transmit channel. If this command is received by the HDLC controller during frame
transmission, transmission is aborted after a maximum of 64 additional bits are sent and the transmit
FIFO buffer is flushed. The TBPTR is not advanced, no new BD is accessed, and no new frames
are sent for this channel. The transmitter sends an abort sequence consisting of 0x7F (if the
command was given during frame transmission) and begins sending flags or idles, as indicated by
the HDLC mode register. Note that if FPSMR[MFF] = 1, one or more small frames can be flushed
from the transmit FIFO buffer. The GRACEFUL STOP TRANSMIT command can be used to avoid this.
GRACEFUL STOP
TRANSMIT
Used to stop transmission smoothly rather than abruptly, as performed by the regular STOP TRANSMIT
command. It stops transmission after the current frame finishes sending or immediately if no frame
is being sent. FCCE[GRA] is set once transmission has stopped. Then the HDLC transmit
parameters (including BDs) can be modified. The TBPTR points to the next TxBD in the table.
Transmission begins once the R bit of the next BD is set and the RESTART TRANSMIT command is
issued.
HMASK
8-Bit Address Recognition
Address
0x68
Control
0x44
Flag
0x7E
Address
0xAA
etc.
16-Bit Address Recognition
0xFFFF
0xAA68
0xFFFF
0xAA68
0xAA68
HMASK
Address
0x55
Control
0x44
Flag
0x7E
etc.
0x00FF
0xXX55
0xXX55
0xXX55
0xXX55
HADDR1
HADDR2
HADDR3
HADDR4
HADDR1
HADDR2
HADDR3
HADDR4
Recognizes one 16-bit address (HADDR1) and
the 16-bit broadcast address (HADDR2)
Recognizes one 8-bit address (HADDR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com