Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 209 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 205Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 206Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 207Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 208Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 209Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 210Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 211Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 212Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
209
6.8.1.1
Naming Conventions
RD
Destination register, allowed range is R0–R7
RD.L
Low byte of the destination register, bits [7:0]
RD.H
High byte of the destination register, bits [15:8]
RS, RS1, RS2
Source register, allowed range is R0–R7
RS.L, RS1.L, RS2.L
Low byte of the source register, bits [7:0]
RS.H, RS1.H, RS2.H
High byte of the source register, bits[15:8]
RB
Base register for indexed addressing modes, allowed
range is R0–R7
RI
Offset register for indexed addressing modes with
register offset, allowed range is R0–R7
RI+
Offset register for indexed addressing modes with
register offset and post-increment,
Allowed range is R0–R7 (R0+ is equivalent to R0)
–RI
Offset register for indexed addressing modes with
register offset and pre-decrement,
Allowed range is R0–R7 (–R0 is equivalent to R0)
NOTE
Even though register R1 is intended to be used as a pointer to the variable
segment, it may be used as a general purpose data register as well.
Selecting R0 as destination register will discard the result of the instruction.
Only the condition code register will be updated
6.8.1.2
Inherent Addressing Mode (INH)
Instructions that use this addressing mode either have no operands or all operands are in internal XGATE
registers:.
Examples
BRK
RTS
6.8.1.3
Immediate 3-Bit Wide (IMM3)
Operands for immediate mode instructions are included in the instruction stream and are fetched into the
instruction queue along with the rest of the 16 bit instruction. The ’#’ symbol is used to indicate an
immediate addressing mode operand. This address mode is used for semaphore instructions.
Examples:
CSEM
#1
; Unlock semaphore 1
SSEM
#3
; Lock Semaphore 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com