Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 51Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 52Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 53Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 54Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 55Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 56Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 57Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 58Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
55
NOTE
For devices assembled in 80-pin and 112-pin packages all non-bonded out
pins should be configured as outputs after reset in order to avoid current
drawn from floating inputs. Refer to Table 1-7 for affected pins.
1.2.3
Detailed Signal Descriptions
NOTE
This section describes all pins which are availabe on the cover part
MC9S12XDP512 in 144-pin LQFP package. For modules and pinout
explanations of the different family members refer to E.7 Pinout
explanations: and E.5 Peripheral Sets S12XD - Family and E.6 Peripheral
Sets S12XA & S12XB - Family
1.2.3.1
EXTAL, XTAL — Oscillator Pins
EXTAL and XTAL are the crystal driver and external clock pins. On reset all the device clocks are derived
from the EXTAL input frequency. XTAL is the crystal output.
1.2.3.2
RESET — External Reset Pin
The RESET pin is an active low bidirectional control signal. It acts as an input to initialize the MCU to a
known start-up state, and an output when an internal MCU function causes a reset.The RESET pin has an
internal pullup device.
PS5
MOSI0
—
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, MOSI of SPI0
PS4
MISO0
—
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, MISO of SPI0
PS3
TXD1
—
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, TXD of SCI1
PS2
RXD1
—
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, RXD of SCI1
PS1
TXD0
—
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, TXD of SCI0
PS0
RXD0
—
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, RXD of SCI0
PT[7:0]
IOC[7:0]
—
—
—
VDDX
PERT/
PPST
Disabled Port T I/O, timer channels
Table 1-7. Signal Properties Summary (Sheet 4 of 4)
Pin
Name
Function 1
Pin
Name
Function 2
Pin
Name
Function 3
Pin
Name
Function 4
Pin
Name
Function 5
Power
Supply
Internal Pull
Resistor
Description
CTRL
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com