Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 58Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 59Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 60Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 61Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 62Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 63Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 64Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 65Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
62
Freescale Semiconductor
1.2.3.40
PK7 / EWAIT / ROMCTL — Port K I/O Pin 7
PK7 is a general-purpose input or output pin. During MCU emulation modes and normal expanded modes
of operation, this pin is used to enable the Flash EEPROM memory in the memory map (ROMCTL). At
the rising edge of RESET, the state of this pin is latched to the ROMON bit. The EWAIT input signal
maintains the external bus access until the external device is ready to capture data (write) or provide data
(read).
The input voltage threshold for PK7 can be configured to reduced levels, to allow data from an external
3.3-V peripheral to be read by the MCU operating at 5.0 V. The input voltage threshold for PK7 is
configured to reduced levels out of reset in expanded and emulation modes.
1.2.3.41
PK[6:4] / ADDR[22:20] / ACC[2:0] — Port K I/O Pin [6:4]
PK[6:4] are general-purpose input or output pins. During MCU expanded modes of operation, the
ACC[2:0] signals are used to indicate the access source of the bus cycle. This pins also provide the
expanded addresses ADDR[22:20] for the external bus. In Emulation modes ACC[2:0] is available and is
time multiplexed with the high addresses
1.2.3.42
PK[3:0] / ADDR[19:16] / IQSTAT[3:0] — Port K I/O Pins [3:0]
PK3-PK0 are general-purpose input or output pins. In MCU expanded modes of operation, these pins
provide the expanded address ADDR[19:16] for the external bus and carry instruction pipe information.
1.2.3.43
PK7,PK[5:0] — Port K I/O Pins 7 & [5:0]
PK7 and PK[5:0] are general-purpose input or output pins.
1.2.3.44
PM7 / TXCAN3 / TXCAN4 / TXD3 — Port M I/O Pin 7
PM7 is a general-purpose input or output pin. It can be configured as the transmit pin TXCAN of the
scalable controller area network controller 3 or 4 (CAN3 or CAN4). PM7 can be configured as the transmit
pin TXD3 of the serial communication interface 3 (SCI3).
1.2.3.45
PM6 / RXCAN3 / RXCAN4 / RXD3 — Port M I/O Pin 6
PM6 is a general-purpose input or output pin. It can be configured as the receive pin RXCAN of the
scalable controller area network controller 3 or 4 (CAN3 or CAN4). PM6 can be configured as the receive
pin RXD3 of the serial communication interface 3 (SCI3).
1.2.3.46
PM5 / TXCAN0 / TXCAN2 / TXCAN4 / SCK0 — Port M I/O Pin 5
PM5 is a general-purpose input or output pin. It can be configured as the transmit pin TXCAN of the
scalable controller area network controllers 0, 2 or 4 (CAN0, CAN2, or CAN4). It can be configured as
the serial clock pin SCK of the serial peripheral interface 0 (SPI0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com