Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 87Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 88Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 89Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 90Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 91Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 92Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 93Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 94Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
91
2.3.2.8
CRG RTI Control Register (RTICTL)
This register selects the timeout period for the real time interrupt.
Read: Anytime
Write: Anytime
NOTE
A write to this register initializes the RTI counter.
2
PRE
RTI Enable during Pseudo Stop Bit — PRE enables the RTI during pseudo stop mode. Write anytime.
0 RTI stops running during pseudo stop mode.
1 RTI continues running during pseudo stop mode.
Note: If the PRE bit is cleared the RTI dividers will go static while pseudo stop mode is active. The RTI dividers
will not initialize like in wait mode with RTIWAI bit set.
1
PCE
COP Enable during Pseudo Stop Bit — PCE enables the COP during pseudo stop mode. Write anytime.
0 COP stops running during pseudo stop mode
1 COP continues running during pseudo stop mode
Note: If the PCE bit is cleared, the COP dividers will go static while pseudo stop mode is active. The COP
dividers will not initialize like in wait mode with COPWAI bit set.
0
SCME
Self Clock Mode Enable Bit
Normal modes: Write once
Special modes: Write anytime
SCME can not be cleared while operating in self clock mode (SCM = 1).
0 Detection of crystal clock failure causes clock monitor reset (see Section 2.5.2, “Clock Monitor Reset”).
1 Detection of crystal clock failure forces the MCU in self clock mode (see Section 2.4.2.2, “Self Clock Mode”).
76543210
R
RTDEC
RTR6
RTR5
RTR4
RTR3
RTR2
RTR1
RTR0
W
Reset
00000000
Figure 2-11. CRG RTI Control Register (RTICTL)
Table 2-6. RTICTL Field Descriptions
Field
Description
7
RTDEC
Decimal or Binary Divider Select Bit — RTDEC selects decimal or binary based prescaler values.
0 Binary based divider value. See Table 2-7
1 Decimal based divider value. See Table 2-8
6–4
RTR[6:4]
Real Time Interrupt Prescale Rate Select Bits — These bits select the prescale rate for the RTI. See Table 2-7
and Table 2-8.
3–0
RTR[3:0]
Real Time Interrupt Modulus Counter Select Bits — These bits select the modulus counter target value to
provide additional granularity.Table 2-7 and Table 2-8 show all possible divide values selectable by the RTICTL
register. The source clock for the RTI is OSCCLK.
Table 2-5. PLLCTL Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com