Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 29Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 30Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 31Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 32Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 33Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 34Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 35Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 36Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
33
— 10-bit resolution
— External and internal conversion trigger capabilityFiveFourTwo 1M bit per second,
CAN 2.0 A, B software compatible modules
— Five receive and three transmit buffers
— Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit, or 8 x 8 bit
— Four separate interrupt channels for Rx, Tx, error, and wake-up
— Low-pass filter wake-up function
— Loop-back for self-test operation
•
ECT (enhanced capture timer)
— 16-bit main counter with 7-bit prescaler
— 8 programmable input capture or output compare channels
— Four 8-bit or two 16-bit pulse accumulators
•
8 PWM (pulse-width modulator) channels
— Programmable period and duty cycle
— 8-bit 8-channel or 16-bit 4-channel
— Separate control for each pulse width and duty cycle
— Center-aligned or left-aligned outputs
— Programmable clock select logic with a wide range of frequencies
— Fast emergency shutdown input
•
Serial interfaces
— SixFourTwo asynchronous serial communication interfaces (SCI) with additional LIN support
and selectable IrDA 1.4 return-to-zero-inverted (RZI) format with programmable pulse width
— ThreeTwo Synchronous Serial Peripheral Interfaces (SPI)
•
TwoOne IIC (Inter-IC bus) Modules
— Compatible with IIC bus standard
— Multi-master operation
— Software programmable for one of 256 different serial clock frequencies
•
On-Chip Voltage Regulator
— Two parallel, linear voltage regulators with bandgap reference
— Low-voltage detect (LVD) with low-voltage interrupt (LVI)
— Power-on reset (POR) circuit
— 3.3-V–5.5-V operation
— Low-voltage reset (LVR)
— Ultra low-power wake-up timer
•
144-pin LQFP, 112-pin LQFP, and 80-pin QFP packages
— I/O lines with 5-V input and drive capability
— Input threshold on external bus interface inputs switchable for 3.3-V or 5-V operation
— 5-V A/D converter inputs
— Operation at 80 MHz equivalent to 40-MHz bus speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com