Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 85Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 86Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 87Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 88Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 89Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 90Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 91Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 92Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
89
2.3.2.6
CRG Clock Select Register (CLKSEL)
This register controls CRG clock selection. Refer to Figure 2-17 for more details on the effect of each bit.
Read: Anytime
Write: Refer to each bit for individual write conditions
76543210
R
PLLSEL
PSTP
00
PLLWAI
0
RTIWAI
COPWAI
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-9. CRG Clock Select Register (CLKSEL)
Table 2-4. CLKSEL Field Descriptions
Field
Description
7
PLLSEL
PLL Select Bit — Write anytime. Writing a1 when LOCK = 0 and AUTO = 1, or TRACK = 0 and AUTO = 0 has
no effect This prevents the selection of an unstable PLLCLK as SYSCLK. PLLSEL bit is cleared when the MCU
enters self clock mode, Stop mode or wait mode with PLLWAI bit set.
0 System clocks are derived from OSCCLK (Bus Clock = OSCCLK / 2).
1 System clocks are derived from PLLCLK (Bus Clock = PLLCLK / 2).
6
PSTP
Pseudo Stop Bit
Write: Anytime
This bit controls the functionality of the oscillator during stop mode.
0 Oscillator is disabled in stop mode.
1 Oscillator continues to run in stop mode (pseudo stop).
Note: Pseudo stop mode allows for faster STOP recovery and reduces the mechanical stress and aging of the
resonator in case of frequent STOP conditions at the expense of a slightly increased power consumption.
3
PLLWAI
PLL Stops in Wait Mode Bit
Write: Anytime
If PLLWAI is set, the CRG will clear the PLLSEL bit before entering wait mode. The PLLON bit remains set during
wait mode, but the PLL is powered down. Upon exiting wait mode, the PLLSEL bit has to be set manually if PLL
clock is required.
While the PLLWAI bit is set, the AUTO bit is set to 1 in order to allow the PLL to automatically lock on the selected
target frequency after exiting wait mode.
0 PLL keeps running in wait mode.
1 PLL stops in wait mode.
1
RTIWAI
RTI Stops in Wait Mode Bit
Write: Anytime
0 RTI keeps running in wait mode.
1 RTI stops and initializes the RTI dividers whenever the part goes into wait mode.
0
COPWAI
COP Stops in Wait Mode Bit
Normal modes: Write once
Special modes: Write anytime
0 COP keeps running in wait mode.
1 COP stops and initializes the COP counter whenever the part goes into wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com