Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 40Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 41Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 42Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 43Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 44Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 45Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 46Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 47Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
44
Freescale Semiconductor
Table 1-4. XGATE Resources (see Figure 1-5)
Device
XGRANMSIZE
XGRAM_LOW
XGFLASHSIZE1
XGFLASH_HIGH
1 Available Flah Memory 30K on all listed parts
9S12XDP512
32K
0x0F_8000
30K
0x78_7FFF
9S12XDT512
20K
0x0F_B000
9S12XDT384
20K
0x0F_B000
9S12XA512
32K
0x0F_8000
9S12XDQ256
16K
0x0F_C000
9S12XD256
16K
0x0F_C000
9S12XB256
10K
0x0F_D800
9S12XA256
16K
0x0F_C000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com