Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 66Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 67Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 68Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 69Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 70Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 71Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 72Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 73Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
70
Freescale Semiconductor
The configuration of the oscillator can be selected using the XCLKS signal (see Table 1-10). For a detailed
description please refer to the S12CRG section.
The logic level on the voltage regulator enable pin VREGEN determines whether the on-chip voltage
regulator is enabled or disabled (see Table 1-11).
Table 1-9. Chip Modes and Data Sources
Chip Modes
BKGD =
MODC
PE6 =
MODB
PE5 =
MODA
PK7 =
ROMCTL
PE3 =
EROMCTL
Data Source1
1 Internal means resources inside the MCU are read/written.
Internal Flash means Flash resources inside the MCU are read/written.
Emulation memory means resources inside the emulator are read/written (PRU registers, Flash replacement, RAM, EEPROM,
and register space are always considered internal).
External application means resources residing outside the MCU are read/written.
Normal single chip
1
0
0
X
X
Internal
Special single chip
0
0
0
Emulation single chip
0
0
1
X
0
Emulation memory
X
1
Internal Flash
Normal expanded
1
0
1
0
X
External application
1
X
Internal Flash
Emulation expanded
0
1
1
0
X
External application
1
0
Emulation memory
1
1
Internal Flash
Special test
0
1
0
0
X
External application
1
X
Internal Flash
Table 1-10. Clock Selection Based on PE7
PE7 = XCLKS
Description
0
Full swing Pierce oscillator or external clock source selected
1
Loop controlled Pierce oscillator selected
Table 1-11. Voltage Regulator VREGEN
VREGEN
Description
1
Internal voltage regulator enabled
0
Internal voltage regulator disabled, VDD1,2 and VDDPLL must be
supplied externally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com