Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 67Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 68Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 69Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 70Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 71Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 72Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 73Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 74Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
71
1.5
Modes of Operation
1.5.1
User Modes
1.5.1.1
Normal Expanded Mode
Ports K, A, and B are configured as a 23-bit address bus, ports C and D are configured as a 16-bit data bus,
and port E provides bus control and status signals. This mode allows 16-bit external memory and
peripheral devices to be interfaced to the system. The fastest external bus rate is divide by 2 from the
internal bus rate.
1.5.1.2
Normal Single-Chip Mode
There is no external bus in this mode. The processor program is executed from internal memory. Ports A,
B,C,D, K, and most pins of port E are available as general-purpose I/O.
1.5.1.3
Special Single-Chip Mode
This mode is used for debugging single-chip operation, boot-strapping, or security related operations. The
background debug module BDM is active in this mode. The CPU executes a monitor program located in
an on-chip ROM. BDM firmware is waiting for additional serial commands through the BKGD pin. There
is no external bus after reset in this mode.
1.5.1.4
Emulation of Expanded Mode
Developers use this mode for emulation systems in which the users target application is normal expanded
mode. Code is executed from external memory or from internal memory depending on the state of
ROMON and EROMON bit. In this mode the internal operation is visible on external bus interface.
1.5.1.5
Emulation of Single-Chip Mode
Developers use this mode for emulation systems in which the user’s target application is normal
single-chip mode. Code is executed from external memory or from internal memory depending on the state
of ROMON and EROMON bit. In this mode the internal operation is visible on external bus interface.
1.5.1.6
Special Test Mode
Freescale internal use only.
1.5.2
Low-Power Modes
The microcontroller features two main low-power modes. Consult the respective sections for information
on the module behavior in system stop, system pseudo stop, and system wait mode. An important source
of information about the clock system is the Clock and Reset Generator S12CRG section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com