Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 81Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 82Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 83Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 84Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 85Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 86Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 87Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 88Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
85
2.3.2.1
CRG Synthesizer Register (SYNR)
The SYNR register controls the multiplication factor of the PLL. If the PLL is on, the count in the loop
divider (SYNR) register effectively multiplies up the PLL clock (PLLCLK) from the reference frequency
by 2 x (SYNR + 1). PLLCLK will not be below the minimum VCO frequency (fSCM).
NOTE
If PLL is selected (PLLSEL=1), Bus Clock = PLLCLK / 2
Bus Clock must not exceed the maximum operating system frequency.
Read: Anytime
Write: Anytime except if PLLSEL = 1
NOTE
Write to this register initializes the lock detector bit and the track detector
bit.
2.3.2.2
CRG Reference Divider Register (REFDV)
The REFDV register provides a finer granularity for the PLL multiplier steps. The count in the reference
divider divides OSCCLK frequency by REFDV + 1.
Read: Anytime
Write: Anytime except when PLLSEL = 1
NOTE
Write to this register initializes the lock detector bit and the track detector
bit.
76543210
R0
0
SYN5
SYN4
SYN3
SYN2
SYN1
SYN0
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-4. CRG Synthesizer Register (SYNR)
76543210
R0
0
REFDV5
REFDV4
REFDV3
REFDV2
REFDV1
REFDV0
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-5. CRG Reference Divider Register (REFDV)
PLLCLK
2xOSCCLKx
SYNR
1
+
()
REFDV
1
+
()
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com