Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 228 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 224Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 225Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 226Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 227Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 228Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 229Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 230Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 231Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
228
Freescale Semiconductor
Operation
FirstOne (RS)
⇒ RD;
Searches the first “1” in register RS (from MSB to LSB) and writes the bit position into the destination
register RD. The upper bits of RD are cleared. In case the content of RS is equal to $0000, RD will be
cleared and the carry flag will be set. This is used to distinguish a “1” in position 0 versus no “1” in the
whole RS register at all.
CCR Effects
Code and CPU Cycles
BFFO
Bit Field Find First One
BFFO
NZ
V
C
0
∆
0
∆
N:
0; cleared.
Z:
Set if the result is $0000; cleared otherwise.
V:
0; cleared.
C:
Set if RS = $00001; cleared otherwise.
1 Before executing the instruction
Source Form
Address
Mode
Machine Code
Cycles
BFFO RD, RS
DYA
0
0
0
0
1
RD
RS
1
0
0
0
0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com