Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 319 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 319 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 315Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 316Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 317Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 318Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 319Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 320Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 321Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 322Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 323Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
319
7.3.2.2
Timer Compare Force Register (CFORC)
Read or write: Anytime but reads will always return 0x0000 (1 state is transient).
All bits reset to zero.
7.3.2.3
Output Compare 7 Mask Register (OC7M)
Read or write: Anytime
All bits reset to zero.
76543210
R
00000000
W
FOC7
FOC6
FOC5
FOC4
FOC3
FOC2
FOC1
FOC0
Reset
00000000
Figure 7-4. Timer Compare Force Register (CFORC)
Table 7-3. CFORC Field Descriptions
Field
Description
7:0
FOC[7:0]
Force Output Compare Action for Channel 7:0 — A write to this register with the corresponding data bit(s) set
causes the action which is programmed for output compare “x” to occur immediately. The action taken is the
same as if a successful comparison had just taken place with the TCx register except the interrupt flag does not
get set.
Note: A successful channel 7 output compare overrides any channel 6:0 compares. If a forced output compare
on any channel occurs at the same time as the successful output compare, then the forced output compare
action will take precedence and the interrupt flag will not get set.
76543210
R
OC7M7
OC7M6
OC7M5
OC7M4
OC7M3
OC7M2
OC7M1
OC7M0
W
Reset
00000000
Figure 7-5. Output Compare 7 Mask Register (OC7M)
Table 7-4. OC7M Field Descriptions
Field
Description
7:0
OC7M[7:0]
Output Compare Mask Action for Channel 7:0
0 The corresponding OC7Dx bit in the output compare 7 data register will not be transferred to the timer port on
a successful channel 7 output compare, even if the corresponding pin is setup for output compare.
1 The corresponding OC7Dx bit in the output compare 7 data register will be transferred to the timer port on a
successful channel 7 output compare.
Note: The corresponding channel must also be setup for output compare (IOSx = 1) for data to be transferred
from the output compare 7 data register to the timer port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com