Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 324 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 324 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 320Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 321Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 322Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 323Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 324Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 325Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 326Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 327Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 328Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
324
Freescale Semiconductor
7.3.2.8
Timer Control Register 1/Timer Control Register 2 (TCTL1/TCTL2)
Read or write: Anytime
All bits reset to zero.
NOTE
To enable output action by OMx and OLx bits on timer port, the
corresponding bit in OC7M should be cleared.
76543210
R
OM7
OL7
OM6
OL6
OM5
OL5
OM4
OL4
W
Reset
00000000
Figure 7-11. Timer Control Register 1 (TCTL1)
76543210
R
OM3
OL3
OM2
OL2
OM1
OL1
OM0
OL0
W
Reset
00000000
Figure 7-12. Timer Control Register 2 (TCTL2)
Table 7-9. TCTL1/TCTL2 Field Descriptions
Field
Description
OM[7:0]
7, 5, 3, 1
OMx — Output Mode
OLx — Output Level
These eight pairs of control bits are encoded to specify the output action to be taken as a result of a successful
OCx compare. When either OMx or OLx is one, the pin associated with OCx becomes an output tied to OCx.
See Table 7-10.
OL[7:0]
6, 4, 2, 0
Table 7-10. Compare Result Output Action
OMx
OLx
Action
0
0
Timer disconnected from output pin logic
0
1
Toggle OCx output line
1
0
Clear OCx output line to zero
1
1
Set OCx output line to one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com