Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 106Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 107Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 108Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 109Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 110Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 111Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 112Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 113Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
110
Freescale Semiconductor
Table 2-13. Outcome of Clock Loss in Pseudo Stop Mode
CME
SCME
SCMIE
CRG Actions
0X
X
Clock failure -->
No action, clock loss not detected.
10
X
Clock failure -->
CRG performs Clock Monitor Reset immediately
11
0
Clock Monitor failure -->
Scenario 1: OSCCLK recovers prior to exiting pseudo stop mode.
– MCU remains in pseudo stop mode,
– VREG enabled,
– PLL enabled,
– SCM activated,
– Start clock quality check,
– Set SCMIF interrupt flag.
Some time later OSCCLK recovers.
– CM no longer indicates a failure,
– 4096 OSCCLK cycles later clock quality check indicates clock o.k.,
– SCM deactivated,
– PLL disabled,
– VREG disabled.
– MCU remains in pseudo stop mode.
Some time later either a wakeup interrupt occurs (no SCM interrupt)
– Exit pseudo stop mode using OSCCLK as system clock (SYSCLK),
– Continue normal operation.
or an External Reset is applied.
– Exit pseudo stop mode using OSCCLK as system clock,
– Start reset sequence.
Scenario 2: OSCCLK does not recover prior to exiting pseudo stop mode.
– MCU remains in pseudo stop mode,
– VREG enabled,
– PLL enabled,
– SCM activated,
– Start clock quality check,
– Set SCMIF interrupt flag,
– Keep performing clock quality checks (could continue infinitely) while
in pseudo stop mode.
Some time later either a wakeup interrupt occurs (no SCM interrupt)
– Exit pseudo stop mode in SCM using PLL clock (fSCM) as system clock
– Continue to perform additional clock quality checks until OSCCLK is o.k. again.
or an External RESET is applied.
– Exit pseudo stop mode in SCM using PLL clock (fSCM) as system clock
– Start reset sequence,
– Continue to perform additional clock quality checks until OSCCLK is o.k.again.
11
1
Clock failure -->
– VREG enabled,
– PLL enabled,
– SCM activated,
– Start clock quality check,
– SCMIF set.
SCMIF generates self clock mode wakeup interrupt.
– Exit pseudo stop mode in SCM using PLL clock (fSCM) as system clock,
– Continue to perform a additional clock quality checks until OSCCLK is o.k. again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com