Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 149Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 150Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 151Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 152Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 153Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 154Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 155Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 156Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
153
4.4.1.2
Analog Input Multiplexer
The analog input multiplexer connects one of the 16 external analog input channels to the sample and hold
machine.
4.4.1.3
Sample Buffer Amplifier
The sample amplifier is used to buffer the input analog signal so that the storage node can be quickly
charged to the sample potential.
4.4.1.4
Analog-to-Digital (A/D) Machine
The A/D machine performs analog to digital conversions. The resolution is program selectable at either 8
or 10 bits. The A/D machine uses a successive approximation architecture. It functions by comparing the
stored analog sample potential with a series of digitally generated analog potentials. By following a binary
search algorithm, the A/D machine locates the approximating potential that is nearest to the sampled
potential.
When not converting the A/D machine disables its own clocks. The analog electronics continue drawing
quiescent current. The power down (ADPU) bit must be set to disable both the digital clocks and the analog
power consumption.
Only analog input signals within the potential range of VRL to VRH (A/D reference potentials) will result
in a non-railed digital output codes.
4.4.2
Digital Sub-Block
This subsection explains some of the digital features in more detail. See register descriptions for all details.
4.4.2.1
External Trigger Input
The external trigger feature allows the user to synchronize ATD conversions to the external environment
events rather than relying on software to signal the ATD module when ATD conversions are to take place.
The external trigger signal (out of reset ATD channel 15, configurable in ATDCTL1) is programmable to
be edge or level sensitive with polarity control. Table 4-27 gives a brief description of the different
combinations of control bits and their effect on the external trigger function.
During a conversion, if additional active edges are detected the overrun error flag ETORF is set.
Table 4-27. External Trigger Control Bits
ETRIGLE
ETRIGP
ETRIGE
SCAN
Description
X
X
0
0
Ignores external trigger. Performs one conversion sequence and stops.
X
X
0
1
Ignores external trigger. Performs continuous conversion sequences.
0
0
1
X
Falling edge triggered. Performs one conversion sequence per trigger.
0
1
1
X
Rising edge triggered. Performs one conversion sequence per trigger.
1
0
1
X
Trigger active low. Performs continuous conversions while trigger is active.
1
1
1
X
Trigger active high. Performs continuous conversions while trigger is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com