Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 162Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 163Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 164Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 165Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 166Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 167Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 168Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 169Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
166
Freescale Semiconductor
5.3.2.1
ATD Control Register 0 (ATDCTL0)
Writes to this register will abort current conversion sequence but will not start a new sequence.
Read: Anytime
Write: Anytime
ATDD47H
10-BIT
0
0
0
0
0
0
0
0
0
0
0
0
BIT 9 MSB
0
BIT 8
0
8-BIT
W
ATDD47L
10-BIT
BIT 7
BIT 7 MSB
BIT 6
BIT 6
BIT 5
BIT 5
BIT 4
BIT 4
BIT 3
BIT 3
BIT 2
BIT 2
BIT 1
BIT 1
BIT 0
BIT 0
8-BIT
76543210
R
00000
WRAP2
WRAP1
WRAP0
W
Reset
00000111
= Unimplemented or Reserved
Figure 5-3. ATD Control Register 0 (ATDCTL0)
Table 5-1. ATDCTL0 Field Descriptions
Field
Description
2–0
WRAP[2:0]
Wrap Around Channel Select Bits — These bits determine the channel for wrap around when doing
multi-channel conversions. The coding is summarized in Table 5-2.
Table 5-2. Multi-Channel Wrap Around Coding
WRAP2
WRAP1
WRAP0
Multiple Channel Conversions (MULT = 1)
Wrap Around to AN0 after Converting
0
0
0
Reserved
0
0
1
AN1
0
1
0
AN2
0
1
1
AN3
1
0
0
AN4
1
0
1
AN5
1
1
0
AN6
1
1
1
AN7
Register
Name
Bit 7
654321
Bit 0
= Unimplemented or Reserved
Figure 5-2. ATD Register Summary (Sheet 5 of 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com