Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1774RGPRG4 Datasheet HTML 24Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 25Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 26Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 27Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 28Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 29Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 30Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 31Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Register 74
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 74
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
HPS1
HPS0
RSV
PCOM
IDX[6:0]: 100 1010b (4Ah): Register 74
HPS[1:0]: Line or Headphone Output Configuration
Default value: 00
HPOL/LOL and HPOR/LOR can be configured selected as follows.
HPS[1:0]
Line or Headphone Output Configuration
0 0
Stereo output (default)
0 1
Single monaural output
1 0
Differential monaural output
1 1
Reserved
PCOM: Power Up/Down Control for VCOM
Default value: 0
This bit is used to control power up/down for VCOM.
PCOM = 0
Power down (default)
PCOM = 1
Power up
Register 75
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 75
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
SDHR
SDHL
RSV
RSV
IDX[6:0]: 100 1011b (4Bh): Register 75
SDHR: Short Protection Status for HPR (R-Channel Headphone)
SDHL: Short Protection Status for HPL (L-Channel Headphone)
Default value: 0
Short-circuit protection can be disabled if this function is not needed in an application.
SDHR, SDSL = 0
Enabled (default)
SDHR, SDHL = 1
Disabled
Register 77
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 77
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
STHR
STHL
RSV
RSV
IDX[6:0]: 100 1101b (4Dh): Register 77
STHR: Short Protection Status for HPR (R-Channel Headphone)
STHL: Short Protection Status for HPL (L-Channel Headphone)
These bits can be used to read short protection status through the I2C interface.
STHR, STHL = 0
Detect short circuit
STHR, STHL = 1
Not detect short circuit
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com