Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1774RGPRG4 Datasheet HTML 1Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 2Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 3Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 4Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 5Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 6Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 7Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 8Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM1774
SLAS551 – JULY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
over operating free-air temperature range (unless otherwise noted)
(1)
MAX
UNIT
Supply voltage
VDD, VIO, VCC, VPA
–0.3 to 4
V
Ground voltage differences: DGND, AGND, PGND
±0.1
V
Input voltage
–0.3 to 4
V
Input current (any pin except supplies)
±10
mA
Ambient temperature under bias
–40 to 110
°C
Storage temperature
–55 to 150
°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (reflow, peak)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC, VPA
2.4
3.3
3.6
V
VSS
Digital supply voltage, VDD, VIO
1.71
3.3
3.6
V
Digital input logic family
CMOS
SCKI system clock
3.072
18.432
MHz
Digital input clock frequency
LRCK sampling clock
8
48
kHz
LOL and LOR
10
k
Ω
Analog output load resistance
HPOL and HPOR
16
Ω
Analog output load capacitance
30
pF
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–40
85
°C
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com