Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1774RGPRG4 Datasheet HTML 19Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 20Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 21Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 22Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 23Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 24Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 25Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 26Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
www.ti.com
USER-PROGRAMMABLE MODE CONTROLS
Register Map
PCM1774
SLAS551 – JULY 2007
The mode control register map is shown in Table 6. Each register includes an index (or address) indicated by
the IDX[6:0] bits.
Table 6. Mode Control Register Map
IDX[6:0]
REGISTER
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
(B14–B8)
Register 64
40h
Volume for HPA (L-ch)
RSV
HMUL
HLV5
HLV4
HLV3
HLV2
HLV1
HLV0
Register 65
41h
Volume for HPA (R-ch)
RSV
HMUR
HRV5
HRV4
HRV3
HRV2
HRV1
HRV0
Register 68
44h
DAC digital attenuation and soft mute (L-ch)
RSV
PMUL
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 69
45h
DAC digital attenuation and soft mute (R-ch)
RSV
PMUR
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Register 70
46h
DAC over sampling, de-emphasis, audio interface, DGC
DEM1
DEM0
PFM1
PFM0
SPX1
SPX0
RSV
OVER
Register 72
48h
Analog mixer power up/down
RSV
RSV
RSV
RSV
RSV
RSV
PMXR
PMXL
Register 73
49h
DAC and HPA power up/down
PBIS
PDAR
PDAL
RSV
PHPR
PHPL
RSV
RSV
Register 74
4Ah
Analog output configuration select
RSV
RSV
RSV
RSV
HPS1
HPS0
RSV
PCOM
Register 75
4Bh
HPA insertion detection, short protection
RSV
RSV
RSV
RSV
SDHR
SDHL
RSV
RSV
Register 77
4Dh
Shut down status read back
RSV
RSV
RSV
RSV
STHR
STHL
RSV
RSV
Register 82
52h
PG1, 2, 5, 6, power up/down
RSV
RSV
PAIR
PAIL
RSV
RSV
RSV
RSV
Register 84
54h
Master mode
RSV
RSV
RSV
RSV
RSV
MSTR
RSV
BIT0
Register 85
55h
System reset, sampling rate control, data swap
SRST
LRPC
NPR5
NPR4
NPR3
NPR2
NPR1
NPR0
Register 86
56h
BCK configuration, sampling rate control, zero-cross
MBST
MSR2
MSR1
MSR0
RSV
RSV
RSV
ZCRS
Register 87
57h
Analog input select (MUX1, 2, 3, 4)
RSV
RSV
AIR1
AIR0
RSV
RSV
AIL1
AIL0
Register 88
58h
Analog mixing switch (SW1, 2, 3, 4, 5, 6)
RSV
MXR2
MXR1
MXR0
RSV
MXL2
MXL1
MXL0
Register 89
59h
Analog to analog path (PG5, 6) gain
RSV
GMR2
GMR1
GMR0
RSV
GML2
GML1
GML0
Register 90
5Ah
Microphone boost
RSV
RSV
RSV
RSV
RSV
RSV
G20R
G20L
Register 92
5Ch
Bass boost gain level
LPAE
RSV
RSV
LGA4
LGA3
LGA2
LGA1
LGA0
Register 93
5Dh
Middle boost gain level
RSV
RSV
RSV
MGA4
MGA3
MGA2
MGA1
MGA0
Register 94
5Eh
Treble boost gain level
RSV
RSV
RSV
HGA4
HGA3
HGA2
HGA1
HGA0
Register 95
5Fh
Sound effect source select, 3D sound
RSV
3DEN
RSV
3FL0
3DP3
3DP2
3DP1
3DP0
Register 96
60h
digital monaural mixing
RSV
RSV
RSV
RSV
RSV
RSV
RSV
MXEN
Register 124
7Ch
PG1/PG2 additional Gain
RSV
RSV
RSV
RSV
RSV
RSV
G12R
G12L
Register 125
7Dh
Power up/down time control
RSV
PTM1
PTM0
RES4
RES3
RES2
RES1
RES0
HPA: Headphone amplifier
DAC: D/A converter
PGx: Analog input buffer
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com