Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1774RGPRG4 Datasheet HTML 1Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 2Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 3Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 4Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 5Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 6Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 7Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 8Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
www.ti.com
PIN ASSIGNMENTS
16
17
18
19
20
10
9
8
7
6
1
2
3
4
5
15
14
13
12
11
V
COM
AGND
V
CC
AIN1R
AIN1L
BCK
SCKI
DGND
V
DD
V
IO
PCM1774RGP
(TOP VIEW)
PCM1774
SLAS551 – JULY 2007
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
17
–
Ground for analog
AIN1L
20
I
Analog input 1 for L-channel
AIN1R
19
I
Analog input 1 for R-channel
BCK
10
I/O
Serial bit clock
DGND
8
–
Digital ground
DIN
5
I
Serial audio data input
HPOL/LOL
15
O
Headphone/lineout for R-channel
HPOR/LOR
14
O
Headphone/lineout for L-channel
LRCK
11
I/O
Left and right channel clock
MC/SCL
4
I
Mode control clock for three-wire/two-wire interface
MD/SDA
3
I/O
Mode control data for three-wire/two-wire interface
MODE
1
I
Two- or three-wire interface selection (LOW: SPI, HIGH: I2C)
MS/ADR
2
I
Mode control select for three-wire/two-wire interface
PGND
12
–
Ground for speaker power amplifier
SCKI
9
I
System clock
VCC
18
–
Analog power supply
VCOM
16
–
Analog common voltage
VDD
7
–
Power supply for digital core
VIO
6
–
Power supply for digital I/O
VPA
13
–
Power supply for power amplifier
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com