Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1774RGPRG4 Datasheet HTML 1Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 2Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 3Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 4Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 5Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 6Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 7Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 8Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1774
SLAS551 – JULY 2007
All specifications at TA = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Characteristics
DATA FORMAT
Resolution
16
Bits
I2S, left-,
Audio data interface format
right-justified,
DSP
Audio data bit length
16
Bits
MSB first, 2s
Audio data format
complement
Sampling frequency (fS)
5
50
kHz
VDD < 2 V
27
System clock
MHz
VDD > 2 V
40
Digital Input/Output
CMOS
Logic family
compatible
VIH
0.7 VIO
Input logic level
Vdc
VIL
0.3 VIO
IIH
VIN = 3.3 V
10
Input logic current
μA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
0.75 VIO
Output logic level
Vdc
VOL
IOL = 2 mA
0.25 VIO
Digital Input to Line Output Through DAC (LOL and LOR)
RL = 10 kΩ, volume = 0 dB, analog mixing = disabled
DYNAMIC PERFORMANCE
2.828
VPP
Full-scale output voltage
0 dB
1
Vrms
Dynamic range
EIAJ, A-weighted
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
86
93
dB
Channel separation
91
dB
THD+N
Total harmonic distortion + noise
0 dB
0.008%
Load resistance
10
k
Ω
Line Input to Line Output Through Mixing Path (LOL and LOR)
RL = 10 kΩ, volume = 0 dB, analog mixing = enabled
DYNAMIC PERFORMANCE
2.828
VPP
Full-scale input and output voltage
0 dB
1
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
Digital Input to Headphone Output Through DAC (HPOL and HPOR)
RL = 16 Ω or 32 Ω, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = disabled, not capless mode
DYNAMIC PERFORMANCE
2.828
VPP
Full-scale output voltage
0 dB
1
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
30 mW, RL = 32 Ω,
0.1%
volume = 0 dB
THD+N
Total harmonic distortion + noise
40 mW, RL = 16 Ω,
0.03%
volume = –1 dB
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com