Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCM1774RGPRG4 Datasheet HTML 34Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 35Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 36Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 37Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 38Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 39Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 40Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 41Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Register 93
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 93
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
MGA4
MGA3
MGA2
MGA1
MGA0
IDX[6:0]: 101 1101b (5Dh): Register 93
MGA[4:0]: Middle Boost Gain Control
Default value: 0 0000
These bits are used to set the midrange boost gain level for the digital data. The detailed characteristics are
shown in the Typical Performance Curves.
MGA[4:0]
TONE CONTROL GAIN (MIDRANGE)
MGA[4:0]
TONE CONTROL GAIN (MIDRANGE)
0 0000
0 dB (default)
0 1111
0 dB
0 0011
12 dB
1 0000
–1 dB
0 0100
11 dB
1 0001
–2 dB
0 0101
10 dB
1 0010
–3 dB
0 0110
9 dB
1 0011
–4 dB
0 0111
8 dB
1 0100
–5 dB
0 1000
7 dB
1 0101
–6 dB
0 1001
6 dB
1 0110
–7 dB
0 1010
5 dB
1 0111
–8 dB
0 1011
4 dB
1 1000
–9 dB
0 1100
3 dB
1 1001
–10 dB
0 1101
2 dB
1 1010
–11 dB
0 1110
1 dB
1 1011
–12 dB
Register 94
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 94
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
HGA4
HGA3
HGA2
HGA1
HGA0
IDX[6:0]: 101 1110b (5Eh): Register 94
HGA[4:0]: Treble Boost Gain Control (fC = 5 kHz)
Default value: 0 0000
These bits are used to set the treble boost gain level for the digital data. The detailed characteristics are shown
in the Typical Performance Curves.
HGA[4:0]
TONE CONTROL GAIN (TREBLE)
HGA[4:0]
TONE CONTROL GAIN (TREBLE)
0 0000
0 dB (default)
0 1111
0 dB
0 0011
12 dB
1 0000
–1 dB
0 0100
11 dB
1 0001
–2 dB
0 0101
10 dB
1 0010
–3 dB
0 0110
9 dB
1 0011
–4 dB
0 0111
8 dB
1 0100
–5 dB
0 1000
7 dB
1 0101
–6 dB
0 1001
6 dB
1 0110
–7 dB
0 1010
5 dB
1 0111
–8 dB
0 1011
4 dB
1 1000
–9 dB
0 1100
3 dB
1 1001
–10 dB
0 1101
2 dB
1 1010
–11 dB
0 1110
1 dB
1 1011
–12 dB
38
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com