Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1774RGPRG4 Datasheet HTML 12Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 13Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 14Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 15Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 16Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 17Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 18Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 19Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
www.ti.com
Audio Data Formats and Timing
DIN
BCK
LRCK
50%ofV
IO
tw(BCH)
tw(BCL)
t(LB)
50%ofV
IO
50%ofV
IO
tw(BCY)
t(BL)
t(DS)
t(DH)
PCM1774
SLAS551 – JULY 2007
The PCM1774 supports I2S, right-justified, left-justified, and DSP formats. The data formats are shown in
Figure 16 and are selected using registers 70 and 81 (RFM[1:0], PFM[1:0]). All formats require binary
2s-complement, MSB-first audio data. The default format is I2S. Figure 14 shows a detailed timing diagram.
PARAMETERS
MIN
MAX
UNITS
BCK pulse cycle time (I2S, left- and right-justified formats)
1/(64 fS)
(1)
t(BCY)
BCK pulse cycle time (DSP format)
1/(256 fS)
(1)
tw(BCH)
BCK high-level time
35
ns
tw(BCL)
BCK low-level time
35
ns
t(BL)
BCK rising edge to LRCK edge
10
ns
t(LB)
LRCK edge to BCK rising edge
10
ns
t(DS)
DIN set up time
10
ns
t(DH)
DIN hold time
10
ns
tr
Rising time of all signals
10
ns
tf
Falling time of all signals
10
ns
(1)
fS is the sampling frequency.
Figure 14. Audio Interface Timing (Slave Mode)
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com