Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1774RGPRG4 Datasheet HTML 1Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 2Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 3Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 4Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 5Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 6Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 7Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 8Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1774
SLAS551 – JULY 2007
16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
• 2 (I2C™) or 3 (SPI) Wire Serial Control
• Analog Front End:
• Programmable Function by Register Control:
–
Stereo Single-Ended Input
–
Digital Attenuation: 0 dB to –62 dB
–
Microphone Amplifier (12 dB, 20 dB)
–
Digital Gain of DAC: 0, 6, 12, 18 dB
• Analog Back End:
–
Power Up/Down Control for Each Module
–
Stereo/Mono Line Output With Volume
–
6-dB to –70-dB Gain for Analog Outputs
–
Stereo/Mono Headphone Amplifier With
–
0/12/20 dB for Microphone Input
Volume
–
0-dB to –21-dB Gain for Analog Mixing
• Analog Performance:
–
Three-Band Tone Control and 3D Sound
–
Dynamic Range: 93 dB
–
Analog Mixing Control
–
40-mW + 40-mW Headphone Output at
• Pop-Noise Reduction Circuit
RL = 16 Ω
• Short Protection Circuit
• Power Supply Voltage
• Package: 4-mm × 4-mm QFN Package
–
1.71 V to 3.6 V for Digital I/O Section
• Operation Temperature Range: –40°C to 85°C
–
1.71 V to 3.6 V for Digital Core Section
–
2.4 V to 3.6 V for Analog Section
• Portable Audio Player, Cellular Phone
–
2.4 V to 3.6 V for Power Amplifier Section
• Video Camcorder, Digital Still Camera
• Low Power Dissipation:
• PMP/DMB/PND
–
6.4 mW in Playback, 1.8 V/2.4 V, 44.1 kHz
–
3.3
μW in Power Down
• Sampling Frequency: 5 kHz to 50 kHz
The PCM1774 is a low-power stereo DAC designed
• Operation From a Single Clock Input Without
for portable digital audio applications. The device
PLL
integrates headphone amplifier, line amplifier, line
• System Clock:
input, boost amplifier, programmable gain control,
analog mixing, and sound effects. It is available in a
–
Common-Audio Clock (256 fS/384 fS), 12/24,
small-footprint, 4-mm
× 4-mm QFN package. The
13/26, 13.5/27, 19.2/38.4, 19.68/39.36 MHz
PCM1774 supports right-justified, left-justified, I2S,
and DSP formats, providing easy interfacing to audio
DSP and decoder/encoder chips. Sampling rates up
to 50 kHz are supported. The user-programmable
functions are accessible through a two- or three-wire
serial control port.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1774RGPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1770 TI-PCM1770 Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770 TI2-PCM1770 Datasheet
620Kb / 42P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
REVISED MARCH 2007
PCM1770PW TI-PCM1770PW Datasheet
311Kb / 29P
LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1770PW TI-PCM1770PW Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
More results

Similar Description - PCM1774RGPRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
MS6337 MOSA-MS6337_1 Datasheet
642Kb / 20P
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com