Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPRG4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPRG4
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1774RGPRG4 Datasheet HTML 15Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 16Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 17Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 18Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 19Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 20Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 21Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 22Page - Texas Instruments PCM1774RGPRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
www.ti.com
THREE-WIRE INTERFACE (SPI, MODE (PIN 28) = LOW)
MSB
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
LSB
Register Index (or Address)
Register Data
R0001-01
MC
MS
MD
16Bits
(1)SingleWriteOperation
MSB
LSB
MSB
(2)ContinuousWriteOperation
MSB
8BitsxNFrames
MC
MS
MD
NFrames
LSB MSB
LSB MSB
LSB
MSB
LSB
Register Index
8Bits
Register(N)Data
Register(N+1)Data
Register(N+2)Data
T0012-03
PCM1774
SLAS551 – JULY 2007
All write operations for the serial control port use 16-bit data words. Figure 17 shows the control data word
format. The most-significant bit must be 0. There are seven bits, labeled IDX[6:0], that set the register address
for the write operation. The least-significant eight bits, D[7:0], contain the data to be written to the register
specified by IDX[6:0].
Figure 18 shows the functional timing diagram for writing to the serial control port. To write the data into the
mode register, the data is clocked into an internal shift register on the rising edge of the MC clock. The serial
data should change on the falling edge of the MC clock, and MS should be LOW during write mode. The rising
edge of MS should be aligned with the falling edge of the last MC clock pulse in the 16-bit frame. MC can run
continuously between transactions while MS is in the LOW state.
Figure 17. Control Data Word Format for MD
Figure 18. Register Write Operation
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com