Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 64 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 64 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 60Page - Qorvo, Inc ACT72350 Datasheet HTML 61Page - Qorvo, Inc ACT72350 Datasheet HTML 62Page - Qorvo, Inc ACT72350 Datasheet HTML 63Page - Qorvo, Inc ACT72350 Datasheet HTML 64Page - Qorvo, Inc ACT72350 Datasheet HTML 65Page - Qorvo, Inc ACT72350 Datasheet HTML 66Page - Qorvo, Inc ACT72350 Datasheet HTML 67Page - Qorvo, Inc ACT72350 Datasheet HTML 68Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
64 of 97
www.qorvo.com
®
12.17.17
SOC.SHCNTRL
Register 12-17 SOC.SHCNTRL (Sample and Hold Control, 16h)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7
RFU
R
000b
Reserved, write to 0
6
AIO9_HOLD
RW
0b
AIO9 Sample and Hold Output:
0b: Sample
1b: Hold
5
AIO8_HOLD
RW
0b
AIO8 Sample and Hold Output:
0b: Sample
1b: Hold
4
AIO7_HOLD
RW
0b
AIO7 Sample and Hold Output:
0b: Sample
1b: Hold
3
AIO6_HOLD
RW
0b
AIO6 Sample and Hold Output:
0b: Sample
1b: Hold
2
DAO54_HOLD
RW
0b
DAO54 Sample and Hold Output:
0b: Sample
1b: Hold
1
DAO32_HOLD
RW
0b
DAO32 Sample and Hold Output:
0b: Sample
1b: Hold
0
DAO10_HOLD
RW
0b
DAO10 Sample and Hold Output:
0b: Sample
1b: Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com