Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 21Page - Qorvo, Inc ACT72350 Datasheet HTML 22Page - Qorvo, Inc ACT72350 Datasheet HTML 23Page - Qorvo, Inc ACT72350 Datasheet HTML 24Page - Qorvo, Inc ACT72350 Datasheet HTML 25Page - Qorvo, Inc ACT72350 Datasheet HTML 26Page - Qorvo, Inc ACT72350 Datasheet HTML 27Page - Qorvo, Inc ACT72350 Datasheet HTML 28Page - Qorvo, Inc ACT72350 Datasheet HTML 29Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
25 of 97
www.qorvo.com
®
11.5
Linear Regulators
The CPM includes two additional linear regulators, supplied by the VSYS medium voltage regulator. Once
VSYS is above 4.5V, the linear regulators for VCCIO and VCC33 supplies, sequentially power up.
Figure 11-4 Linear Regulators Example
ACT72350
VCC33
VCCIO
VSS
2.2F
2.2F
The figure above shows typical circuit connections for the linear regulators. The VCCIO regulator
generates a dedicated 3.3V supply for IO. The VCC33 regulator generates 3.3V. When VSYS and the
LDOs above are all above their respective power good thresholds, and the configurable power on reset
duration has expired, the nRESET signal is released from reset state.
11.6
Power-up Sequence
The CPM follows a typical power up sequence as shown in Figure 11-5 below.
Figure 11-5 Power-Up Sequence
VM
VSYS
VCCIO
VCC33
25V
VP
10V
1ms
4. 5V
0. 5
ms
0. 5
ms
VM
VP
VSYS
VCCIO
VCC33
1ms
15V
5V
3. 3V
3. 3V
3V
nRESET
A typical sequence begins with motor power supply (VM) being applied and rising to 25V. When VM rises
to 25V, the HV-BUCK controller is started and VP starts to rise. When VP rises over the UVLO rising
threshold, then there is a 1ms delay and then the MV-BUCK is enabled. When VSYS rises to 4.5V, then
there is a 0.5ms delay and the VCCIO LDO is enabled. Then there is a 0.5ms delay and the VCC33 LDO
is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com