Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 36 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 36 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 32Page - Qorvo, Inc ACT72350 Datasheet HTML 33Page - Qorvo, Inc ACT72350 Datasheet HTML 34Page - Qorvo, Inc ACT72350 Datasheet HTML 35Page - Qorvo, Inc ACT72350 Datasheet HTML 36Page - Qorvo, Inc ACT72350 Datasheet HTML 37Page - Qorvo, Inc ACT72350 Datasheet HTML 38Page - Qorvo, Inc ACT72350 Datasheet HTML 39Page - Qorvo, Inc ACT72350 Datasheet HTML 40Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
36 of 97
www.qorvo.com
®
11.14.4 SOC.PWRCTL
Register 11-4 SOC.PWRCTL (Power Control, 03h)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7:6
CLKOUTFREQ
R/W
0x0
Low-Speed Clock Output Frequency Setting (CLKOUT).
00b: 125kHz
01b: 250kHz
10b: 500KHz
11b: 1 MHz
5
STDBY
R/W
0x0
Stand By Mode Enable. This bit is self clearing.
0b: No Stand By Mode (normal LDO operation)
..1b: Enter Stand By Mode
(Disables LDO’s)
4
VMSNSEN
R/W
0x0
VM Sense Enable.
0b: VM Sense Disabled
..1b: VM Sense Enabled
4:0
WUTIMER
R/W
0x0
Wake Up Timer Interval:
0000b = infinite
0001b = 1ms
0010b = 5ms
0011b = 10ms
0100b = 25ms
0101b = 50ms
0110b = 100ms
0111b = 125ms
1000b = 250m
1001b = 500ms
1010b = 750ms
1011b = 1s
1100b = 2s
1101b = 4s
1110b = 6s
1111b = 8s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com