Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 8Page - Qorvo, Inc ACT72350 Datasheet HTML 9Page - Qorvo, Inc ACT72350 Datasheet HTML 10Page - Qorvo, Inc ACT72350 Datasheet HTML 11Page - Qorvo, Inc ACT72350 Datasheet HTML 12Page - Qorvo, Inc ACT72350 Datasheet HTML 13Page - Qorvo, Inc ACT72350 Datasheet HTML 14Page - Qorvo, Inc ACT72350 Datasheet HTML 15Page - Qorvo, Inc ACT72350 Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
12 of 97
www.qorvo.com
®
6
ABSOLUTE MAXIMUM RATINGS
The table below shows the absolute maximum ratings for this device.
To prevent damage to the device, do not exceed these limits. Exposure to the absolute maximum rating
conditions for long periods of time may affect device reliability.
The device is not guaranteed to function properly outside of the operating conditions.
Table 6-1 Absolute Maximum Ratings
PARAMETER
VALUE
UNIT
VM to VSS
-0.3 to 160
V
BST to VSS
-0.3 to 180
V
BST to SRC
-0.3 to 20
V
SRC to VSS
-10 to VM + 15
V
DRM to SRC
-0.3 to 20
V
VP to VSS
-0.3 to 20
V
SW to VSS
-0.3 to VP + 0.3
V
CSM to VP
-0.3 to 0.3
V
VSYS, AI6 to VSS, AO6 to VSS
-0.3 to 6
V
AI<9:7>, AI<5:0> to VSS
-0.3 to VSYS + 0.3
V
AO<9:7>, AO<5:0> to VSS
-0.3 to VSYS + 0.3
V
EN, nBRAKE to VSS
-0.3 to VSYS + 0.3
V
ADC_REF to VSS
-0.3 to VSYS + 0.3
V
nSLEEP to VSS
-0.3 to 6
V
CLK_OUT, PWMHx, PWMLx, SPI_CLK, SPIMOSI, SPIMISO, SPI_CS to VSS
-0.3 to VCCIO + 0.3
V
VCC33, VCCIO to VSS
-0.1 to VSYS + 0.3
V
DRL0, DRL1, DRL2 to VSS
-0.3 to VP + 0.3
V
DRB3, DRB4, DRB5 to VSS
-0.3 to 180
V
DRS3, DRS4, DRS5 to VSS
-10 to 160
V
DRB3 to DRS3, DRB4 to DRS4, DRB5 to DRS5
-0.3 to 20
V
DRH3 to DRS3, DRH4 to DRS4, DRH5 to DRS5
-0.3 to VDRBx + 0.3
V
VSS RMS Current
0.2
ARMS
Operating ambient temperature range (TA)
-40 to 125
C
Electrostatic Discharge (ESD)
Human body model (JEDEC)
2
kV
Charge device model (JEDEC)
1
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com