Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 42 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 42 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 38Page - Qorvo, Inc ACT72350 Datasheet HTML 39Page - Qorvo, Inc ACT72350 Datasheet HTML 40Page - Qorvo, Inc ACT72350 Datasheet HTML 41Page - Qorvo, Inc ACT72350 Datasheet HTML 42Page - Qorvo, Inc ACT72350 Datasheet HTML 43Page - Qorvo, Inc ACT72350 Datasheet HTML 44Page - Qorvo, Inc ACT72350 Datasheet HTML 45Page - Qorvo, Inc ACT72350 Datasheet HTML 46Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
42 of 97
www.qorvo.com
®
12.3
Introduction
The device includes a Configurable Analog Front End (CAFE, Figure 12-1) accessible through 10 analog
input and 7 analog output pins. These pins can be configured to form flexible interconnected circuitry
made up of 3 differential programmable gain amplifiers, 4 single-ended programmable gain amplifiers, 4
general purpose comparators, 3 phase comparators, and one buffer output. A push button function is
provided for optional push button on Hibernate and Stand By modes.
12.4
Differential Programmable Gain Amplifier (DA)
The DAxP and DAxN pin pair are positive and negative inputs, respectively, to a differential
programmable gain amplifier. The differential gain can be programmable to be 1x, 2x, 4x, 8x, 16x, 32x,
and 48x for zero ohm signal source impedance. The differential programmable gain amplifier has -0.3V to
2.5V input common mode range, and its output can be configured for routing directly as a live analog
output, or through a sample-and-hold circuit synchronized with the external ADC sampling engine. Each
differential amplifier is accompanied by offset calibration circuitry, and two protection comparators for
protection event monitoring. The programmable gain differential amplifier is optimized for use with signal
source impedance lower than 500Ω and with matched source impedance on both positive and negative
inputs for minimal offset. The effective gain is scaled by 13.5k / (13.5k + RSOURCE), where RSOURCE is the
matched source impedance of each input.
12.5
Single-Ended Programmable Gain Amplifier (AMP)
Each AMPx input goes to a single-ended programmable gain amplifier with signal relative to VSS. The
amplifier gain can be programmed to be 1x, 2x, 4x, 8x, 16x, 32x, and 48x, or as analog feed-through. The
programmable gain amplifier output is routed into its independent output for easy access into the
application’s microcontroller analog inputs.
12.6
General Purpose Comparator (CMP)
The general purpose comparator takes the CMPx input and compares it to the programmable threshold
voltage (VTHREF). The comparator has 0V to VSYS input common mode range, and its polarity-selectable
output is routed into its respective output.
12.7
Phase Comparator (PHC)
The phase comparator takes the PHCx input and compares it to either the programmable threshold
voltage (VTHREF) or a phase reference signal generated by averaging the PHCx input voltages. In a three-
phase motor control application, the phase reference signal acts as a virtual center tap for BEMF
detection. The PHC inputs can be compared to the virtual center-tap, or phase to phase for the most
efficient BEMF zero-cross detection.
The phase comparator signals can also be configured to the other two phase comparators (between
AIO7, AIO8 and AIO9), to perform phase to phase comparisons.
The comparator blanking time is configurable. The blanking time configuration supports bi-directional and
asymmetric configurations, which enables hysteresis for rising and falling signals.
The phase comparator has 0V to VSYS input common mode range, and its polarity-selectable output is
routed to a data input bit and to the phase/position multiplexer synchronized with the auto-sampling
sequencers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com